Part Number Hot Search : 
AAMDB LTC2950 SKY77318 C1212 AM03P VNB14N 1H330 06000
Product Description
Full Text Search
 

To Download MBR20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2080CT, MBR2090CT, MBR20100CT SWITCHMODETM Power Rectifiers
This series uses the Schottky Barrier principle with a platinum barrier metal. These state-of-the-art devices have the following features:
Features http://onsemi.com
* * * * * * * * * *
20 A Total (10 A Per Diode Leg) Guard-Ring for Stress Protection Low Forward Voltage 175C Operating Junction Temperature Epoxy Meets UL 94 V-0 @ 0.125 in Low Power Loss/High Efficiency High Surge Capacity Low Stored Charge Majority Carrier Conduction Shipped 50 units per plastic tube Pb-Free Packages are Available*
SCHOTTKY BARRIER RECTIFIERS 20 AMPERES 80-100 VOLTS
1 2, 4 3
4
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 1.9 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal *
Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds
TO-220AB CASE 221A PLASTIC 1
2
3
MARKING DIAGRAM
AY WW B20x0G AKA
A Y WW B20x0 x G AKA
= Assembly Location = Year = Work Week = Device Code = 8, 9 or 10 = Pb-Free Device = Polarity Designator
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. 1 Publication Order Number: MBR20100CT/D
(c) Semiconductor Components Industries, LLC, 2009
September, 2009 - Rev. 0
MBR2080CT, MBR2090CT, MBR20100CT
MAXIMUM RATINGS (Per Diode Leg)
MBR Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR) TC = 133C Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz) TC = 133C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz) Operating Junction Temperature (Note 1) Storage Temperature Voltage Rate of Change (Rated VR) Symbol VRRM VRWM VR IF(AV) IFRM IFSM 2080CT 80 2090CT 90 20100CT 100 Unit V
10 20 150
A A A
IRRM TJ Tstg dv/dt
0.5 *65 to +175 *65 to +175 10,000
A C C V/ms
THERMAL CHARACTERISTICS
Maximum Thermal Resistance Junction-to-Case Junction-to-Ambient RqJC RqJA vF 2.0 60 C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 2) (iF = 10 Amps, TC = 125C) (iF = 10 Amps, TC = 25C) (iF = 20 Amps, TC = 125C) (iF = 20 Amps, TC = 25C) Maximum Instantaneous Reverse Current (Note 2) (Rated dc Voltage, TC = 125C) (Rated dc Voltage, TC = 25C) V 0.75 0.85 0.85 0.95 mA 6.0 0.1
iR
1. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RqJA. 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%.
ORDERING INFORMATION
Device MBR2080CT MBR2080CTG MBR2090CT MBR2090CTG MBR20100CT MBR20100CTG Package TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) 50 Units / Rail 50 Units / Rail 50 Units / Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MBR2080CT, MBR2090CT, MBR20100CT
i F, INSTANTANEOUS FORWARD CURRENT (AMPS) 50 20 10 125C 5.0 3.0 TJ = 25C 1.0 0.5 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 100C 10 TJ = 150C IR , REVERSE CURRENT (mA) 150C 1.0 125C 100C
0.1
0.01
0.001 25C 0.0001 0 20 40 60 80 100
vF, INSTANTANEOUS VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
dc 15 SQUARE WAVE 10
RATED VOLTAGE APPLIED RqJC = 2C/W
I F(AV) , AVERAGE FORWARD CURRENT (AMPS)
20
20 (HEATSINK) RqJA = 16C/W (NO HEATSINK) RqJA = 60C/W dc 10 RATED VOLTAGE APPLIED
15
5.0
5.0
dc SQUARE WAVE
0 80 100 120 140 160 180 TC, CASE TEMPERATURE (C)
0 0 20 40 60 80 100 120 140 160 180 TA, AMBIENT TEMPERATURE (C)
Figure 3. Typical Current Derating, Case, Per Leg
Figure 4. Typical Current Derating, Ambient, Per Leg
20 18 AVERAGE POWER (WATTS) 16 14 12 10 8.0 6.0 4.0 2.0 0 0 2.0 4.0 6.0 8.0 10 12 14 16 18 20 AVERAGE CURRENT (AMPS) IPK/IAV = 20 SQUARE WAVE IPK/IAV = 10 dc TA = 25C IPK/IAV = 5.0 IPK/IAV = p
Figure 5. Average Power Dissipation and Average Current
http://onsemi.com
3
MBR2080CT, MBR2090CT, MBR20100CT
PACKAGE DIMENSIONS
TO-220 CASE 221A-09 ISSUE AF
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.161 0.095 0.105 0.110 0.155 0.014 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 ----0.080 MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 4.09 2.42 2.66 2.80 3.93 0.36 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 ----2.04
-T- B
4
SEATING PLANE
F
T
C S
Q
123
A U K
H Z L V G D N
R J
STYLE 6: PIN 1. 2. 3. 4.
ANODE CATHODE ANODE CATHODE
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
4
MBR20100CT/D


▲Up To Search▲   

 
Price & Availability of MBR20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X